PART |
Description |
Maker |
MURH860CT MURH805CT MURH810CT MURH820CT MURH840CT |
8.0A, 200V ultra fast recovery rectifier 8.0A, 100V ultra fast recovery rectifier 8.0A, 50V ultra fast recovery rectifier 8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AB
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
SF502GP SF504GP SF500GP SF501GP SF503GP |
5.0A, 400V ultra fast recovery rectifier 5 Amp Surper Fast 50 - 4 00 Volts Recovery Rectifiers
|
MCC[Micro Commercial Components]
|
MR752FR MR756FR MR758FR MR750FR MR7510FR MR751FR M |
6.0A, 1000V ultra fast recovery rectifier (MR750FR - MR7510FR) 6 Amp Fast Recovery Rectifier 50 to 1000 Volts
|
MCC[Micro Commercial Components] Micro Commercial Compon...
|
70HFL10S02 70HFL100S10 70HFL100S05 40HFL100S10 40H |
40A Fast Recovery Rectifier Diode(40A 快速恢复整流二极管) Fast Recovery Rectifiers 1000V Fast Recovery Diode in a DO-203AB (DO-5) package 100V Fast Recovery Diode in a DO-203AB (DO-5) package 200V Fast Recovery Diode in a DO-203AB (DO-5) package 400V Fast Recovery Diode in a DO-203AB (DO-5) package 800V Fast Recovery Diode in a DO-203AB (DO-5) package 600V Fast Recovery Diode in a DO-203AB (DO-5) package
|
IRF[International Rectifier]
|
R9G20212CS R9G20412CS R9G20612CS R9G20812CS R9G210 |
200V, 1200A fast recovery single diode 400V, 1200A fast recovery single diode 600V, 1200A fast recovery single diode 800V, 1200A fast recovery single diode 1000V, 1200A fast recovery single diode 1200V, 1200A fast recovery single diode 1400V, 1200A fast recovery single diode 1600V, 1200A fast recovery single diode
|
Powerex Power Semiconductors
|
CMR3U-01M10 CMR3U-04M CMR3U-02M CMR3U-10M CMR3U-06 |
SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3 AMP SURFACE MOUNT ULTRA FAST RECOVERY SILICON RECTIFIER 3.0 AMP, 100 THRU 1000 VOLTS 3 A, 600 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
CMR1F-10M CMR1F-02M CMR1F-04M CMR1F-06M |
FAST RECOVERY RECTIFIER 1.0 AMP/ 200 THRU 1/000 VOLTS FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 200 V, SILICON, SIGNAL DIODE FAST RECOVERY RECTIFIER 1.0 AMP, 200 THRU 1,000 VOLTS 1 A, 600 V, SILICON, SIGNAL DIODE
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
SD103NSERIES 2610 SD103N SD103N16S15PV SD103N25S20 |
1200V Fast Recovery Diode in a DO-205AC (DO-30) package 2500V Fast Recovery Diode in a DO-205AC (DO-30) package 1600V Fast Recovery Diode in a DO-205AC (DO-30) package From old datasheet system FAST RECOVERY DIODES Stud Version
|
International Rectifier
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|